Part Number Hot Search : 
107001 OP755D 4410014 C3371 MAX14673 KH561AM MAX756 20ETTTS
Product Description
Full Text Search
 

To Download DFP1411KJD05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DFP
Vishay Dale
Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
FEATURES
* 11 and 12 Schematics * 0.065" [1.65 mm] height for high density packaging * Low temperature coefficient (- 55 C to + 125 C) 100 ppm/C * Hot solder dipped leads * Highly stable thick film * Wide resistance range * All devices are capable of passing the MIL-STD-202, Method 210, Condition C "Resistance to Soldering Heat" test
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL MODEL DFP POWER RATING P25 C P25 C ELEMENT PACKAGE W W 0.25 0.65 0.15 0.65 CIRCUIT SCHEMATIC 11 12 LIMITING ELEMENT VOLTAGE MAX. V 75 75 TEMPERATURE1) COEFFICIENT ppm/C 100 100 STANDARD2) TOLERANCE % 2 2 RESISTANCE RANGE 10 - 1M 10 - 1M TEMPERATURE COEFFICIENT TRACKING ppm/C 50 50
Notes 1. Temperature Range: - 55 C to + 125 C 2. 1 % and 5 % tolerance available
* Consult factory for stocked values
TECHNICAL SPECIFICATIONS
11 Schematic 7 or 8 isolated resistors The DFPxx11 provides the user with 7 or 8 nominally equal resistors with each resistor isolated from all others. Commonly used in the following applications: * "Wired OR" Pull-up * Long-line Impedance Balancing * Power Driven Pull-up * LED Current Limiting * Power Gate Pull-up * ECL Output Pull-down * Line Termination * TTL Input Pull-down 13 or 15 resistors with one pin common The DFPxx12 provides the user with a choice of 13 or 15 nominally equal resistors, each connected to a common pin (14 or 16). Commonly used in the following applications: * MOS/ROM Pull-up/Pull-down * TTL Input Pull-down * Open Collector Pull-up * Digital Pulse Squaring * "Wired OR" Pull-up * TTL Unused Gate Pull-up * Power Driven Pull-up * High Speed Parallel Pull-up
DFP1411 Pin #1 DFP1611
12 Schematic
********
DFP1412 Pin #1 DFP1612
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: DFP14121K00GD05 (preferred part numbering format)
D
GLOBAL MODEL DFP
F
P
1
4
1
2
1
K
0
0
G
D
0
5
PACKAGING SPECIAL Blank = Standard (Dash Number) (up to 3 digits) From 1-999 as applicable
PIN COUNT 14 16
SCHEMATIC 11 = Isolated 12 = Bussed
RESISTANCE VALUE R = Decimal K = Thousand M = Million 10R0 = 10 680K = 680 k 1M00 = 1.0 M
TOLERANCE CODE F=1% G=2% J=5%
E05 = Lead (Pb)-free, Tube D05 = Tin/Lead, Tube
Historical Part Number example: DFP1412102G (will continue to be accepted)
DFP
HISTORICAL MODEL
14
PIN COUNT
12
SCHEMATIC
102
RESISTANCE VALUE
G
TOLERANCE CODE
D05
PACKAGING
www.vishay.com 328
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31513 Revision: 08-Sep-04
DFP
Thick Film Resistor Networks Flat Pack, 11, 12 Schematics
DIMENSIONS in inches [millimeters]
Pin #1 0.250 [6.35] Min. 0.050 [1.27] Typ. 0.019 0.006 [0.48 0.15] 0.365 [9.27] Min. 0.385 [9.78] Max. 0.065 [1.65] Max. 0.825 [20.96] Max. 0.265 [6.73] Max. 0.250 [6.35] Min. 0.005 + 0.004 - 0.002 [0.127 + 0.102 - 0.051]
Vishay Dale
GLOBAL MODEL DFP14 DFP16
DIMENSION A 0.037 0.010 [0.94 0.25] 0.012 0.010 [0.30 0.25]
TECHNICAL SPECIFICATIONS
PARAMETER Isolation Resistance 11 Schematic Voltage Coefficient of Resistance Maximum Operating Voltage Operating Temperature Range Storage Temperature Range UNIT M ppm/V VDC C C DFP14/16 > 100 < 50 typical 75 - 55 to + 125 - 55 to + 150
MECHANICAL SPECIFICATIONS
Marking Model number, schematic number, value tolerance, pin 1 indicator, date code.
Marking Resistance Permanency testing per MIL-STD-202 to Solvents Method 215. Solderability Terminals Per MIL-STD-202, Method 208E. Per MIL-STD-1276 DFPxx11, DFPxx12 = Type G (hot solder dipped). Hot solder dipped leads supplied as standard finish. Epoxy filled ceramic sandwich
Body
11 Schematic
Power Rating (Watts)
Package
12 Schematic
Power Rating (Watts)
Package 0.65
0.65
0.50
0.50
Single Resistor 0.25 Single Resistor 0.15
- 55
+ 25
+ 70
+ 125 + 150
- 55
+ 25
+ 70
+ 125 + 150
Derating
Ambient Temperature C
Derating
Ambient Temperature C
PERFORMANCE
TEST Power Conditioning Thermal Shock Short Time Overload Low Temperature Operation Moisture Resistance Resistance to Soldering Heat Shock Vibration Load Life Terminal Strength Insulation Resistance Dielectric Withstanding Voltage Document Number: 31513 Revision: 08-Sep-04 CONDITIONS 1.5 x rated power, applied 1.5 hours "ON" and 0.5 hour "OFF" for 100 hours 4 hours at + 25 C ambient temperature 5 cycles between - 65 C and + 125 C 2.5 x rated working voltage, 5 seconds 45 minutes at full rated working voltage at - 65 C 240 hours with humidity ranging from 80 % RH to 98 % RH Leads immersed in + 260 C solder to within 1/16" of body for 10 seconds Total of 18 shocks at 100 g's 12 hours at maximum of 20 g's between 10 and 2000 Hz 1000 hours at + 70 C, rated power applied 1.5 hours "ON", 0.5 hour "OFF" for full 1000 hour period. Derated according to the curve. 1.5 pound pull for 30 seconds 10 000 Megohm (minimum) No evidence of arcing or damage (200 V RMS for 1 minute) MAX. R (Typical Test Lots) 0.50 % R 0.50 % R 0.25 % R 0.25 % R 0.50 % R 0.25 % R 0.25 % R 0.25 % R 0.50 % R 0.25 % R -
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com 329
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of DFP1411KJD05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X